Part Number Hot Search : 
0515S 2228M E005214 28128 107M0 88810 PEMH1 D16801
Product Description
Full Text Search
 

To Download SFD3055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SemiWell Semiconductor
SFD3055L
Logic N-Channel MOSFET
Features
Low RDS(on) (0.15 )@VGS=10V Low RDS(on) (0.30 )@VGS=4.5V Low Gate Charge (Typical 6.5nC) Improved dv/dt Capability 100% Avalanche Tested Maximum Junction Temperature Range (150C)
Symbol
2. Drain

1. Gate

3. Source
General Description
This Power MOSFET is produced using SemiWell's advanced planar stripe, DMOS technology. This latest technology has been especially designed to minimize on-state resistance, have a low gate charge with superior switching performance and rugged avalanche characteristics. This Power MOSFET is well suited for synchronous DC-DC Converters and Power Management in portable and battery operated products.
D-PACK (TO-252)
2
1 3
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGS EAS dv/dt PD TSTG, TJ TL Drain to Source Voltage Continuous Drain Current(@TC = 25C) Continuous Drain Current(@TC = 100C) Drain Current Pulsed Gate to Source Voltage Single Pulsed Avalanche Energy Peak Diode Recovery dv/dt Total Power Dissipation(@TA = 25 C) Total Power Dissipation(@TC = 25 C) Derating Factor above 25 C Operating Junction Temperature & Storage Temperature Maximum Lead Temperature for soldering purpose, 1/8 from Case for 5 seconds.
(Note 2) (Note 3) (Note 1)
Parameter
Value
30 12 7.7 30
Units
V A A A V mJ V/ns W W W/C C C
20
30 7.0 2.5 42 0.34 - 55 ~ 150 300
Thermal Characteristics
Symbol
RJC RJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient
Value Min.
-
Typ.
-
Max.
3 50
Units
C/W C/W
December, 2002. Rev. 0.
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
1/7
SFD3055L
Electrical Characteristics
Symbol Off Characteristics
BVDSS BVDSS/ TJ IDSS Drain-Source Breakdown Voltage VGS = 0V, ID = 250uA 30 0.027 1 10 100 -100 V V/C uA uA nA nA ( TC = 25 C unless otherwise noted )
Parameter
Test Conditions
Min
Typ
Max
Units
Breakdown Voltage Temperature coefID = 250uA, referenced to 25 C ficient Drain-Source Leakage Current Gate-Source Leakage, Forward Gate-Source Leakage, Reverse VDS = 30V, VGS = 0V VDS = 24V, TC = 125 C VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V VDS = VGS, ID = 250uA VGS = 10 V, ID = 6A VGS = 4.5 V, ID = 6A
IGSS
On Characteristics
VGS(th) RDS(ON) Gate Threshold Voltage Static Drain-Source On-state Resistance 1.0 0.066 0.095 3.0 0.15 0.30 V
Dynamic Characteristics
Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance VGS =0 V, VDS =25V, f = 1MHz 205 95 30 265 120 40 pF
Dynamic Characteristics
Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge(Miller Charge) VDS =24V, VGS =10V, ID =12A see fig. 12.
(Note 4, 5)
VDD =15V, ID =12A, RG =50 see fig. 13.
(Note 4, 5)
4.5 3 12 18 6.5 1.4 1.6
19 16 34 46 8.5 nC ns
-
Source-Drain Diode Ratings and Characteristics
Symbol
IS ISM VSD trr Qrr
Parameter
Continuous Source Current Pulsed Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Test Conditions
Integral Reverse p-n Junction Diode in the MOSFET IS =12A, VGS =0V IS=12A,VGS=0V,dIF/dt=100A/us
Min.
-
Typ.
76 44
Max.
12 30 1.5 -
Unit.
A V ns nC
NOTES 1. Repeativity rating : pulse width limited by junction temperature 2. L = 200uH, IAS =12A, VDD = 15V, RG = 0 , Starting TJ = 25C 3. ISD 12A, di/dt 300A/us, VDD BVDSS, Starting TJ = 25C 4. Pulse Test : Pulse Width 300us, Duty Cycle 2% 5. Essentially independent of operating temperature.
2/7
SFD3055L
Fig 1. On-State Characteristics
VGS 10.0 V 8.0 V 6.0 V 5.0 V 4.5 V 4.0 V 3.5 V Bottom : 3.0 V Top :
Fig 2. Transfer Characteristics
10
1
ID, Drain Current [A]
10
ID, Drain Current [A]
1
150 C
0
o
10
25 C -55 C
Notes : 1. VDS = 15V 2. 250 s Pulse Test
o
o
Notes : 1. 250 s Pulse Test 2. TC = 25
10
0
10
-1
10
0
10
1
10
-1
0
2
4
6
8
10
VDS, Drain-Source Voltage [V]
VGS, Gate-Source Voltage [V]
Fig 3. On Resistance Variation vs. Drain Current and Gate Voltage
300
Fig 4. On State Current vs. Allowable Case Temperature
RDS(ON), Drain-Source On-Resistance [m ]
IDR, Reverse Drain Current [A]
250
200
10
1
VGS = 4.5V
150
VGS = 10V
100
150 25
Notes : 1. VGS = 0V 2. 250 s Pulse Test
50
Note : TJ = 25
0
0
5
10
15
20
25
30
35
40
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID, Drain Current [A]
VSD, Source-Drain voltage [V]
Fig 5. Capacitance Characteristics
600
Ciss=Cgs+Cgd(Cds=shorted) Coss=Cds+Cgd Crss=Cgd
Fig 6. Gate Charge Characteristics
12
VGS, Gate-Source Voltage [V]
500
10
VDS = 15V VDS = 24V
Capacitance [pF]
400
Notes : 1. VGS = 0V 2. f=1MHz
8
300
6
Ciss
200
Coss Crss
4
100
2
Note : ID = 12.0 A
0
0
5
10
15
20
25
30
0
0
1
2
3
4
5
6
7
8
VDS, Drain-Source Voltage [V]
Qg, Total Gate Charge [nC]
3/7
SFD3055L
Fig 7. Breakdown Voltage Variation vs. Junction Temperature
1.2
2.5
Fig 8. On-Resistance Variation vs. Junction Temperature
BVDSS, (Normalized) Drain-Source Breakdown Voltage
RDS(ON), (Normalized) Drain-Source On-Resistance
2.0
1.1
1.5
1.0
1.0
0.9
Notes : 1. VGS = 0 V 2. ID = 250 A
0.5
Notes : 1. VGS = 10 V 2. ID = 6 A
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
Fig 9. Maximum Safe Operating Area
12
Fig 10. Maximum Drain Current vs. Case Temperature
10
2
Operation in This Area is Limited by R DS(on)
100 s
10
ID, Drain Current [A]
ID, Drain Current [A]
1 ms
10
1
8
10 ms DC
6
10
0
4
Notes :
1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o
o
2
10
-1
10
-1
10
0
10
1
10
2
0 25
50
75
100
125
150
VDS, Drain-Source Voltage [V]
TC, Case Temperature []
Fig 11. Transient Thermal Response Curve
D = 0 .5
Z JC Thermal Response (t),
10
0
0 .2 0 .1 0 .0 5
10
-1
N o te s : 1 . Z J C = 3 /W M a x . (t) 2 . D u ty F a c to r, D = t 1 /t 2 3 . T JM - T C = P D M * Z JC (t)
0 .0 2 0 .0 1 s in g le p u ls e
10
-2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t 1 , S q u a re W a v e P u ls e D u ra tio n [s e c ]
4/7
SFD3055L
Fig. 12. Gate Charge Test Circuit & Waveforms
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS Qg 5V Qgs Qgd
VGS
DUT
1mA
Charge
Fig 13. Switching Time Test Circuit & Waveforms
VDS
RL VDD
( 0.5 rated V DS )
VDS
90%
5V Pulse Generator RG
DUT
Vin
10%
td(on) t on
tr
td(off) t off
tf
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
VDS ID RG
L VDD
BVDSS 1 EAS = ---- LL IAS2 -------------------2 BVDSS -- VDD BVDSS IAS ID (t)
10V
DUT
VDD
tp
VDS (t) Time
5/7
SFD3055L
Fig. 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ VDS _
IS
L
Driver RG
Same Type as DUT
VDD
VGS
* dv/dt controlled by RG * IS controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
IS ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
Vf
VDD
Body Diode Forward Voltage Drop
6/7
SFD3055L
TO-252(D-PAK) Package Dimension
Dim. A B C D E F G H I J K L
mm Min. 6.48 5.0 7.42 2.184 0.762 1.016 Typ. 6.604 5.08 7.8 2.286 0.813 1.067 2.286 2.286 0.534 1.016 0.61 1.067 0.508 0.762 1.57 0.686 1.118 0.021 0.04 Max. 6.73 5.21 8.18 2.388 0.864 1.118 Min. 0.255 0.197 0.292 0.086 0.03 0.04
Inch Typ. 0.26 0.2 0.307 0.09 0.032 0.042 0.09 0.09 0.024 0.042 0.02 0.03 0.06 0.027 0.044 Max. 0.265 0.205 0.322 0.094 0.034 0.044
A B
D E
C I 2 1 G 3 H J
F
K
L
1. Gate 2. Drain 3. Source
7/7


▲Up To Search▲   

 
Price & Availability of SFD3055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X